PART |
Description |
Maker |
GLT625608 GLT625608-10FB GLT625608-70FB GLT625608- |
32K x 8 SLOW SPEED CMOS STATIC RAM 32K的8低速的CMOS静态RAM Time-Delay Relay; Contacts:SPST-NO; Time Range:1 sec. to 100 sec.; Timing Function:Delay-On-Release; Contact Carry Current:2A; Relay Terminals:Quick Connect; Supply Voltage:120VAC Time-Delay Relay; Contacts:SPST-NO; Time Range:1 to 100 min.; Timing Function:Delay-On-Make; Contact Carry Current:1A; Relay Terminals:Quick Connect; Supply Voltage:120VAC
|
Electronic Theatre Controls, Inc. ETC N.A. List of Unclassifed Manufacturers
|
FAJAE-404 FRJAE-404 FAJAE-406 FAJAE-416 FRJAE-402 |
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION FRJAE ASSEMBLY 6 POSITION & 8 POSITION WITH OR WITH OUT FERRITES SINGLE PORT HIGH TEMP MATERIAL
|
Amphenol Corporation
|
SC-7415 |
Heterotrimeric G protein function cell surface receptor cells to convey information in effect SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination Heterotrimeric G proteins function to relay information from cell surface receptors to intracellular effectors
|
ETC SCBT[Santa Cruz Biotechnology, Inc.]
|
CP60333 |
PELTIER MODU LE
|
CUI INC
|
CP40136 |
PELTIER MODU LE
|
CUI INC
|
CP30238 |
PELTIER MODU LE
|
CUI INC
|
REL-IR2-L-24AC |
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, mechanical switch position indicator, input voltage: 24 V AC
|
PHOENIX CONTACT
|
AQW210HLAX AQW210HLAZ AQW210HL AQW210HLA |
PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 4/5 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tube packing style. PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 1/2 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Trough hole terminal. Tube packing style. GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
REL-IR2-LDP-125DC |
Plug-in industrial relay with power contacts, 2 PDTs, test button, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1 , A2-, input voltage: 125 V DC
|
PHOENIX CONTACT
|
REL-IR2 |
Plug-in industrial relay with power contacts, 2 changeover contacts, test key, mechanical switch position indicator, polarity: bipolar, input voltage: 24 V DC
|
PHOENIX CONTACT
|
61C22-01-04-01 61C22-01-04-02 61C22-01-08-01 61C11 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 16 or 32 Position with Pushbutton
|
GRAYHILL INC Grayhill, Inc
|
5-825437-0 |
.100 Inch Centerline-AMPMODU Headers; MODU 2 PIN HEADER ( AMP )
|
Tyco Electronics
|
|